Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STDVE001ABTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 13Page - STMicroelectronics STDVE001ABTR Datasheet HTML 14Page - STMicroelectronics STDVE001ABTR Datasheet HTML 15Page - STMicroelectronics STDVE001ABTR Datasheet HTML 16Page - STMicroelectronics STDVE001ABTR Datasheet HTML 17Page - STMicroelectronics STDVE001ABTR Datasheet HTML 18Page - STMicroelectronics STDVE001ABTR Datasheet HTML 19Page - STMicroelectronics STDVE001ABTR Datasheet HTML 20Page - STMicroelectronics STDVE001ABTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
STDVE001A
Functional description
17/49
3.5
I2C DDC line repeater
The device contains two identical bi-directional open-drain, non-inverting buffer circuits that
enable I2C DDC bus lines to be extended without degradation in system performance. The
STDVE001A buffers both the serial data (DDC SDA) and serial clock (DDC SCL) on the I2C
bus, while retaining all the operating modes and features of the I2C system. This enables
two buses of 400 pF bus capacitance to be connected in an I2C application. These buffers
are operational from a supply V of 3.0 V to 3.6 V.
The I2C bus capacitance limit of 400 pF restricts the number of devices and bus length. The
STDVE001A enables the system designer to isolate the two halves of a bus,
accommodating more I2C devices or longer trace lengths. It can also be used to run two
buses, one at 5 V and the other at 3.3 V or a 400 kHz and 100 kHz bus, where the 100 kHz
bus is isolated when 400 kHz operation of the other bus is required. The STDVE001A can
be used to run the I2C bus at both 5 V and 3.3 V interface levels.
The DDC_EN acts as the enable for the DDC buffer. The DDC_EN line should not change
state during an I2C operation, because disabling during bus operation hangs the bus and
enabling port may through a bus cycle could confuse the I2C ports being enabled. The
DDC_EN input should change state only when the global bus and repeater port are in idle
state, to prevent system failures.
The output low levels for each internal buffer are approximately 0.5 V, but the input voltage
of each internal buffer must be 70 mV or more below the output low level, when the output
internally is driven low. This prevents a lock-up condition from occurring when the input low
condition is released.
As with the standard I2C system, pull up resistors are required to provide the logic high
levels on the buffered bus. The STDVE001A has standard open collector configuration of
the I2C bus. The size of the pull up resistors depends on the system, but each side of the
repeater must have a pull up resistor.
This part is designed to work with standard mode and fast mode I2C devices. Standard
mode I2C devices only specify 3 mA output drive, this limits the termination current to 3 mA
in a generic I2C system where standard mode devices and multiple masters are possible.
Under certain conditions, higher termination currents can be used.
3.6
Power-down condition
The OE_N pin can be used to disable the device. Also there is no ESD protection dode to
supply on any of the IOs. This prevents a reverse current flow condition when the main box
is switched off while the TV is switched on.
The OE_N is used to disable most of the internal circuitry of STDVE001A that puts the
device in a low power mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com