Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM7E1AR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM7E1AR
Description  7 E 1 CHANNELS SWITCH ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1AR Datasheet(HTML) 5 Page - STMicroelectronics

  STM7E1AR Datasheet HTML 1Page - STMicroelectronics STM7E1AR Datasheet HTML 2Page - STMicroelectronics STM7E1AR Datasheet HTML 3Page - STMicroelectronics STM7E1AR Datasheet HTML 4Page - STMicroelectronics STM7E1AR Datasheet HTML 5Page - STMicroelectronics STM7E1AR Datasheet HTML 6Page - STMicroelectronics STM7E1AR Datasheet HTML 7Page - STMicroelectronics STM7E1AR Datasheet HTML 8Page - STMicroelectronics STM7E1AR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STM7E1A
5/10
DECODING OF FUNCTIONAL MODE 1 (MODE = L)
When closing the main port local loop (Lm high), it is external system responsibility to ensure that the main
port has previously been disconnected from the line (Sc has to be high). There is no internal mechanism
to ensure this.
When closing the spare port local loop (Ls high), it is external system responsibility to ensure that the
spare port has previously been disconnected from the line (Sc has to be high). There is no internal
mechanism to ensure this.
DECODING OF FUNCTIONAL MODE 2 (MODE = H)
C = Closed
O=Open
C = Closed
O=Open
TEST MODE DESCRIPTION (MODE = 0, TEST = 1)
In order to test the main switches (4-point measurement), test modes are foreseen where the main
switches can be controlled independently from each other. One can enter in test mode by controlling the
Sc, Lm and Ls pins according to the following table.
The digital part and auxiliary switches can be tested in functional mode.
Note 1: Although there is an internal pull down in the TEST pin, an external hardware connection from TEST to GND is required on the board
to work in functional, mode.
Main Switches
Sc low
a closed, b open
Main port is connected to the line
Sc high
a open, b closed
Spare port is connected to the line
Auxiliary
Switches
Lm low
d open
Main port local loop open
Lm high
d closed
Main port local loop closed
Ls low
c open
Spare port local loop open
Ls high
c closed
Spare port local loop closed
INPUT
OUTPUTS
TEST/Sn
A_TX
B_TX
LO
C
HC
O
INPUTS
OUTPUTS
Sc
Lm
Ls
A_RX
B_RX
c
d
LLL
C
C
O
O
L
L
HC
OC
O
LHL
O
C
O
C
L
HHC
O
O
O
H
L
L
OCOO
Signification
Sc
Lm
Ls
A_TX closed
H
H
L
A_RX closed
L
H
L
B_TX closed
H
L
H
B_RX closed
L
L
H
B_TX & c closed
H
L
L
A_RX & d closed
L
L
L
All main switches open
HH
H
LH
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com