Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV895 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV895
Description  Liquid Lens Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV895 Datasheet(HTML) 4 Page - Supertex, Inc

  HV895 Datasheet HTML 1Page - Supertex, Inc HV895 Datasheet HTML 2Page - Supertex, Inc HV895 Datasheet HTML 3Page - Supertex, Inc HV895 Datasheet HTML 4Page - Supertex, Inc HV895 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
HV895
Applications Information
I2C
The HV895 is a write-only fast mode I2C device. Logic voltages are referenced to V
DD.
Address
The HV895 recognizes a 7-bit address. The device is pre-programmed with an I2C address of 0100011b. For other ad-
dresses, please contact the factory.
Data
A single byte written to the HV895 controls the operation of the lens driver. See the Command Table below. The MSB is
clocked-in first.
Command Table
AMP
Description
00h
Low power standby mode. When in standby mode, the internal boost converter and H-bridge oscillator are
shut down, and the OUT pins are held at ground.
Any AMP value other than 00h brings the HV895 out of standby mode. The time it takes the HV895 to exit
standby mode and achieve full output amplitude is less than 20ms with a 4.7nF capacitor on the HV pin.
Faster startup times may be achieved by lowering C
HV at the expense of possible waveform distortion.
01h-FFh
Controls output amplitude according to:
V
OUT(RMS) = 9.4VRMS + (AMP • 197mVRMS)
where AMP is an integer from 1 to 255
Supplies
V
IN must be ramped up in less than 2.0ms to assure the driver starts-up in standby mode. If brought up slower, the driver
may not start-up in standby mode, with output amplitude at an indeterminate level. In this case, writing AMP = 00h brings
the driver to standby mode. No damage will occur if ramped slower than 2.0ms.
Output Waveform
DX
1/ fOUT
dV/dt
(all edges)
AMP=FFh
AMP<FFh
DX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com