Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1061 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM1061_06 Datasheet HTML 15Page - STMicroelectronics STM1061_06 Datasheet HTML 16Page - STMicroelectronics STM1061_06 Datasheet HTML 17Page - STMicroelectronics STM1061_06 Datasheet HTML 18Page - STMicroelectronics STM1061_06 Datasheet HTML 19Page - STMicroelectronics STM1061_06 Datasheet HTML 20Page - STMicroelectronics STM1061_06 Datasheet HTML 21Page - STMicroelectronics STM1061_06 Datasheet HTML 22Page - STMicroelectronics STM1061_06 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STM1061
Package Mechanical
19/23
Figure 18.
SOT323-3 (SC70-3) – 3-lead Small Outline Transistor Package Outline
1.
Drawing is not to scale.
Table 7.
SOT323-3 (SC70-3) – 3-lead Small Outline Transistor Package Mechanical
Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
0.80
1.00
0.031
0.039
b
0.25
0.40
0.010
0.016
C
0.10
0.18
0.004
0.007
D
1.80
2.20
0.071
0.087
E
1.80
2.40
0.071
0.094
E1
1.15
1.35
0.045
0.053
e0.65
0.026
e1
1.30
0.051
L
0.35
0.45
0.014
0.018
L1
0.10
0.30
0.004
0.012
Q
30°
30°
Θ1
12°
12°
N3
3
SOT323-3
0.10 C
A
A2
A1
3X
C
e1
D
e
3X b
E
M
0.30
CA B
B
E1
A
M
0.10
C A B
1
C
L1
θ1
θ
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com