Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1068 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM1068
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM1068 Datasheet HTML 5Page - STMicroelectronics STM1068 Datasheet HTML 6Page - STMicroelectronics STM1068 Datasheet HTML 7Page - STMicroelectronics STM1068 Datasheet HTML 8Page - STMicroelectronics STM1068 Datasheet HTML 9Page - STMicroelectronics STM1068 Datasheet HTML 10Page - STMicroelectronics STM1068 Datasheet HTML 11Page - STMicroelectronics STM1068 Datasheet HTML 12Page - STMicroelectronics STM1068 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
STM1068
Operation
9/22
Note:
Table valid for VCC > 2.7 V.
Table 3.
Truth table for pass gate between PKX and POX
EN
INH
VCC
POX
L
x
x
follows PKX
x
H
x
follows PKX
xx
>VTH+ (rising edge)
>VTH- (falling edge)
follows PKX
HL
<VTH+ (rising edge)
<VTH- (falling edge)
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com