Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1404 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM1404
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM1404_08 Datasheet HTML 18Page - STMicroelectronics STM1404_08 Datasheet HTML 19Page - STMicroelectronics STM1404_08 Datasheet HTML 20Page - STMicroelectronics STM1404_08 Datasheet HTML 21Page - STMicroelectronics STM1404_08 Datasheet HTML 22Page - STMicroelectronics STM1404_08 Datasheet HTML 23Page - STMicroelectronics STM1404_08 Datasheet HTML 24Page - STMicroelectronics STM1404_08 Datasheet HTML 25Page - STMicroelectronics STM1404_08 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Typical operating characteristics
STM1404
22/36
Figure 22.
VCC to reset propagation delay vs. temperature
Figure 23.
Maximum transient duration vs. reset threshold overdrive
0
10
20
30
40
50
60
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE [
°C]
10V/ms
1V/ms
0.25V/ms
AI09155
0
50
100
150
200
250
1
10
100
1000
10000
RESET COMPARATOR OVERDRIVE, VRST – VCC [mV]
AI09156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com