Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM1816
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM1816 Datasheet HTML 9Page - STMicroelectronics STM1816 Datasheet HTML 10Page - STMicroelectronics STM1816 Datasheet HTML 11Page - STMicroelectronics STM1816 Datasheet HTML 12Page - STMicroelectronics STM1816 Datasheet HTML 13Page - STMicroelectronics STM1816 Datasheet HTML 14Page - STMicroelectronics STM1816 Datasheet HTML 15Page - STMicroelectronics STM1816 Datasheet HTML 16Page - STMicroelectronics STM1816 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Typical operating characteristics
13/25
3
Typical operating characteristics
Typical values are at TA = 25 °C.
Figure 14.
Supply current vs. temperature (no load)
Figure 15.
Normalized reset time-out period (trec) vs. temperature
- VOD = VTH – VCC
Temperature (˚C)
AI10402b
0
2
4
6
8
10
–40
–20
0
20
40
60
80
100
VCC = 3 V
VCC = 5 V
Temperature (˚C)
AI10403b
135
137
139
141
143
145
147
149
151
153
155
–40
–20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com