Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1208S Datasheet(PDF) 44 Page - STMicroelectronics

Part # STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 40Page - STMicroelectronics STMPE1208S Datasheet HTML 41Page - STMicroelectronics STMPE1208S Datasheet HTML 42Page - STMicroelectronics STMPE1208S Datasheet HTML 43Page - STMicroelectronics STMPE1208S Datasheet HTML 44Page - STMicroelectronics STMPE1208S Datasheet HTML 45Page - STMicroelectronics STMPE1208S Datasheet HTML 46Page - STMicroelectronics STMPE1208S Datasheet HTML 47Page - STMicroelectronics STMPE1208S Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Electrical specifications
STMPE1208S
44/51
9
Electrical specifications
Table 11.
DC electrical characteristics (-40
85 °C unless otherwise stated))
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Iout
GPIO driving current
Vout = 0.75*VPH
2
mA
Iactive
Active current
Touch present
98
160
μA
Iidle
Idle current
No-touch
60
80
μA
Isleep
Sleep current
Sleep mode
0.1
1
μA
VIL
Digital input low
1.0
V
VIH
Digital input high
0.7Vph
V
VOL
Digital output low
1.0
V
VOH
Digital output high
Vph-0.5
V
Iout
GPIO drive current
2
mA
Iin
GPIO sink current
Total sink current on
all GPIOs
80 mA
10
mA
Ileakage
Input leakage
VIN = 5.5 V
VPH = 5.5 V
0.2
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com