Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE1208SQTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STMPE1208SQTR
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208SQTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STMPE1208SQTR Datasheet HTML 19Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 20Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 21Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 22Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 23Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 24Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 25Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 26Page - STMicroelectronics STMPE1208SQTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
STMPE1208S
Register map and function description
23/51
REFERENCE_DELAY
Reference delay
Address:
0x0F
Type:
R/W
Reset:
0x00
Description:
Reference delay register. Valid range = 0-128. Each step represents capacitance
value of 60 pF. Warm reset is required after this value is updated.
7654
3
2
1
0
RESERVED
REFERENCE_DELAY
[7] RESERVED
[6:0] REFERENCE_DELAY:
Valid range = 0-127
Each step represents capacitance value of 0.06 pF
Warm reset is required after this value is updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com