Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD1412 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STOD1412
Description  Step-up and inverting DC-DC converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1412 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STOD1412 Datasheet HTML 4Page - STMicroelectronics STOD1412 Datasheet HTML 5Page - STMicroelectronics STOD1412 Datasheet HTML 6Page - STMicroelectronics STOD1412 Datasheet HTML 7Page - STMicroelectronics STOD1412 Datasheet HTML 8Page - STMicroelectronics STOD1412 Datasheet HTML 9Page - STMicroelectronics STOD1412 Datasheet HTML 10Page - STMicroelectronics STOD1412 Datasheet HTML 11Page - STMicroelectronics STOD1412 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STOD1412
8/21
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
IREF
Voltage reference current
capability
VREF = 1.192 V
100
µA
Thermal shutdown
OTP
Over-temperature
protection
140
°C
OTPHYST
Over-temperature
protection hysteresis
15
°C
1.
Guaranteed by design.
2.
The tolerance of external components is not included.
Table 5.
Electrical characteristics (continued)
(TJ=25°C, VI =VCC=3.7 V, CI=2.2 µF, CO1,2=4.7 µF, C3=1 µF, CREF=100 nF, L1=4.7 µH,
L2=6.8 µH, IO1,2=IO1-IO2=30 mA, VEN=VI, VO1=4.6 V, VO2=-6.4 V, R1=470 kΩ, R2=166 kΩ,
R3=533 kΩ, R4=100 kΩ, unless otherwise specified).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com