Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD1812 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STOD1812
Description  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STOD1812 Datasheet HTML 4Page - STMicroelectronics STOD1812 Datasheet HTML 5Page - STMicroelectronics STOD1812 Datasheet HTML 6Page - STMicroelectronics STOD1812 Datasheet HTML 7Page - STMicroelectronics STOD1812 Datasheet HTML 8Page - STMicroelectronics STOD1812 Datasheet HTML 9Page - STMicroelectronics STOD1812 Datasheet HTML 10Page - STMicroelectronics STOD1812 Datasheet HTML 11Page - STMicroelectronics STOD1812 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Functional description
STOD1812
8/19
5
Functional description
5.1
Boost controller
STOD1812 is a boost converter operating in PFM (pulsed frequency modulation) mode. The
converter monitors the output voltage through the bridge resistor divider R1 and R2, and
when the feedback voltage falls below the feedback voltage, the boost switch tSW turns on
and the inductor current ramps up. The inductor current is measured by detecting the
temperature compensated drain voltage of the boost MOSFET. The boost turns off when its
drain voltage reaches the internal reference, the main switch remains off until the minimum
off time has passed and the feedback voltage is below the reference again. A maximum ON
time prevents the switch tSW from staying ON for an excessively long period.
In order to calculate the values of the bridge resistors with a fixed VO, the following formula
can be used:
5.2
Enable
The ENABLE pin is a logic input signal that turns on the controller when the voltage on this
pin is equal to or higher than 1.2 V. When the voltage is at or below 0.4 V the STOD1812
goes into shutdown mode. In this case, the true-shutdown switch is turned off and the
overall power consumption is reduced to 0.1 µA. No pull-up or pull-down is present on this
pin.
5.3
Efficiency
The total consumption of some PMOLED displays can be as low as 1 mA. In order to
increase the battery life of the device, the STOD1812 offers high efficiency over a wide
range of output load current and input voltages. See typical application efficiency
performance in Section 8 on page 11.
5.4
Under voltage lockout (UVLO)
The minimum supply voltage is 2.5 V, under which the undervoltage lockout circuit operates
with a typical threshold of 2.3 V.
-1 =
1,21
V
O
R
2
R
1
-1 =
1,21
V
O
R
2
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com