Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816LSWX7F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1816LSWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816LSWX7F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1816LSWX7F Datasheet HTML 7Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 8Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 9Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 10Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 11Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 12Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 13Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 14Page - STMicroelectronics STM1816LSWX7F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Operation
11/25
Figure 10.
Manual reset timing diagram, switch bounce/debounce (STM1813/1818)
Figure 11.
Interfacing MCUs with bidirectional reset pins (RST, open drain,
STM1811/1816)
Figure 12.
Valid reset (RST) output down to VCC = 0 V (push-pull)
1.
~100 k
Ω resistor recommended.
AI09655
RST
VCC
External
Push-button
tPBRST
(Closed)
(Open)
tPBRST
Switch Bounce
AI09656
VCC
STM1811
STM1816
RST
VCC
VSS
VSS
VCC
MCU
5.5 k
Ω
RST
Input
AI09657
VCC
RP
(1)
STM1810
STM1815
RST
VCC
VSS
VSS
VCC
MCU
RST
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com