Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS424E02BDA3F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTS424E02BDA3F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA3F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTS424E02BDA3F Datasheet HTML 11Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 12Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 13Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 14Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 15Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 16Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 17Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 18Page - STMicroelectronics STTS424E02BDA3F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
STTS424E02
Temperature sensor operation
15/51
Table 2.
AC SMBus and I2C compatibility timings
Symbol
Parameter
DA package
DN package
Units
Min
Max
Min
Max
tBUF
Bus free time between stop (P) and start (S) conditions
4.7
–
1.3
–
µs
tHD:STA
Hold time after (repeated) start condition. After this
period, the first clock cycle is generated.
4.0
–
0.6
–
µs
tSU:STA
(1)
Repeated start condition setup time
4.7
–
1.3
–
µs
tHIGH
Clock high period
4.0
–
0.6
–
µs
tLOW
Clock low period
4.7
–
1.3
–
µs
tF
Clock/data fall time
–
300
–
300
ns
tR
Clock/data rise time
–
1000
–
300
ns
tSU:DAT
Data setup time
250
–
100
–
ns
tHD:DAT
Data hold time
300
–
300
–
ns
tSU:STO
Stop condition setup time
4.0
–
0.6
–
µs
tW
(2)
WRITE time for EEPROM
–
10
–
10
ms
fSCL
SMBUS/I2C clock frequency
10
100
10
400
KHz
ttimeout
Bus timeout (temperature sensor only)
25
50
25
50
ms
1.
For a restart condition, or following a WRITE cycle.
2.
This parameter reflects maximum WRITE time for EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com