Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1818LSWX7F Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM1818LSWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1818LSWX7F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM1818LSWX7F Datasheet HTML 17Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 18Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 19Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 20Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 21Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 22Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 23Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 24Page - STMicroelectronics STM1818LSWX7F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Part numbering
STM1810/1811/1812/1813/1815/1816/1817/1818
22/25
7
Part numbering
Table 11.
Ordering information scheme
Note:
Contact the local ST sales office for availability.
For other options, or for more information on any aspect of this device, please contact the
ST Sales Office nearest you.
Example:
STM1810
L
WX
7
F
Device Type
STM181x
Reset Threshold Voltage
STM1810 - 1813:
L = VRST = 4.50 V to 4.75 V (4.62 V typ)
M = VRST = 4.25 V to 4.49 V (4.37 V typ)
STM1815 - 1818:
T = VRST = 2.98 V to 3.15 V (3.06 V typ)
S = VRST = 2.80 V to 2.97 V (2.88 V typ)
R = VRST = 2.47 V to 2.64 V (2.55 V typ)
Package
WX = SOT23-3
Temperature Range
7 = –40 to 105 °C
Shipping Method
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com