Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS424E02CDN3E Datasheet(PDF) 29 Page - STMicroelectronics

Part # STTS424E02CDN3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN3E Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STTS424E02CDN3E Datasheet HTML 25Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 26Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 27Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 28Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 29Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 30Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 31Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 32Page - STMicroelectronics STTS424E02CDN3E Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STTS424E02
SPD EEPROM operation
29/51
Prior to selecting the memory and issuing instructions, a valid and stable VDD voltage must
be applied. This voltage must remain stable and valid until the end of the transmission of the
instruction and, for a Write instruction, until the completion of the internal write cycle (tW).
At Power-down (phase during which VDD decreases continuously), as soon as VDD drops
from the normal operating voltage below the Power On Reset threshold voltage, the device
stops responding to any instruction sent to it.
5.3
Memory addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the Device Select Code,
shown in Table 20: Device select code (on Serial Data (SDA), most significant bit first).
The Device Select Code consists of a 4-bit Device Type Identifier, and a 3-bit Chip Enable
“Address” (A2, A1, A0). To address the memory array, the 4-bit Device Type Identifier is
1010b; to access the write-protection settings, it is 0110b.
Up to eight memory devices can be connected on a single I2C bus. Each one is given a
unique 3-bit code on the Chip Enable (A0, A1, A2) inputs. When the Device Select Code is
received, the device only responds if the Chip Enable Address is the same as the value on
the Chip Enable (A0, A1, A2) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the Device Select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the Device Select code, it deselects itself from the bus, and goes into Standby mode.
Table 20.
Device select code
Chip enable
signals
Device type identifier
Chip enable bits
RW
b7(1)
1.
The most significant bit, b7, is sent first.
b6
b5
b4
b3
b2
b1
b0
Memory area select code
(two arrays)(2)
2.
A0, A1 and A2 are compared against the respective external pins on the memory device.
A2
A1
A0
1010
A2
A1
A0
RW
Set write protection
(SWP)
VSS
VSS
VHV
0110
0010
Clear write protection
(CWP)
VSS
VDD
VHV
0110
Permanently set write
protection (PSWP)(2)
A2
A1
A0
A2
A1
A0
0
Read SWP
VSS
VSS
VHV
0011
Read CWP
VSS
VDD
VHV
0111
Read PSWP(2)
A2
A1
A0
A2
A1
A0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com