Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816MSWX7F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM1816MSWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816MSWX7F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM1816MSWX7F Datasheet HTML 14Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 15Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 16Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 17Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 18Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 19Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 20Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 21Page - STMicroelectronics STM1816MSWX7F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DC and AC parameters
STM1810/1811/1812/1813/1815/1816/1817/1818
18/25
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 8. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Figure 21.
AC testing input/output waveforms
Table 8.
Operating and AC measurement conditions
Parameter
STM1810 - 1818
Unit
VCC Supply Voltage
1.0 to 5.5
V
Ambient Operating Temperature (TA)
–40 to 105
°C
Input Rise and Fall Times
≤5ns
Input Pulse Voltages
0.2 to 0.8 VCC
V
Input and Output Timing Ref. Voltages
0.3 to 0.7 VCC
V
AI02568
0.8 VCC
0.2 VCC
0.7 VCC
0.3 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com