| Electronic Components Datasheet Search |
|
STTS424E02CDA6E Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02CDA6E Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 51 page ![]() Initial delivery state - SPD STTS424E02 36/51 6 Initial delivery state - SPD The device is delivered with all bits in the memory array set to ‘1’ (each byte contains FFh). 7 Use in a memory module In the Dual In line Memory Module (DIMM) application, the SPD is soldered directly on to the printed circuit module. The three Chip Enable inputs (A0, A1, A2) must be connected to VSS or VDD directly (that is without using a pull-up or pull-down resistor) through the DIMM socket (see Table 22). The Write Control (WC) of the device is tied to ground to maintain full read and write access. 7.1 Programming the SPD The situations in which the SPD EEPROM is programmed can be considered under two headings: ● when the DIMM is isolated (not inserted on the PCB motherboard) ● when the DIMM is inserted on the PCB motherboard 7.1.1 DIMM isolated With specific programming equipment, it is possible to define the SPD EEPROM content, using Byte and Page Write instructions, and its write-protection using the SWP and CWP instructions. To issue the SWP and CWP instructions, the DIMM must be inserted in the application-specific slot where the A0 signal can be driven to VHV during the whole instruction. This programming step is mainly intended for use by DIMM makers, whose end application manufacturers will want to clear this write-protection with the CWP on their own specific programming equipment, to modify the lower 128 bytes, and finally to set permanently the write-protection with the PSWP instruction. Table 22. DRAM DIMM connections DIMM position A2 A1 A0 0 VSS (0) VSS (0) VSS (0) 1 VSS(0) VSS (0) VDD (1) 2 VSS (0) VDD (1) VSS (0) 3 VSS (0) VDD (1) VDD(1) 4 VDD (1) VSS (0) VSS (0) 5 VDD (1) VSS (0) VDD (1) 6 VDD (1) VDD (1) VSS (0) 7 VDD (1) VDD (1) VDD (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |