Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ACDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TL431ACDT
Description  Programmable voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ACDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TL431ACDT Datasheet HTML 7Page - STMicroelectronics TL431ACDT Datasheet HTML 8Page - STMicroelectronics TL431ACDT Datasheet HTML 9Page - STMicroelectronics TL431ACDT Datasheet HTML 10Page - STMicroelectronics TL431ACDT Datasheet HTML 11Page - STMicroelectronics TL431ACDT Datasheet HTML 12Page - STMicroelectronics TL431ACDT Datasheet HTML 13Page - STMicroelectronics TL431ACDT Datasheet HTML 14Page - STMicroelectronics TL431ACDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TL431
Ordering information
13/15
5
Ordering information
Table 8.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TL431CD
TL431CDT
0°C to +70°C
SO-8
Tube or
Tape and reel
431C
TL431ACD
TL431ACDT
431AC
TL431CZ
TL431CZT
TL431CZ-AP
TO-92
Bulk or
Tape or
Ammopack
TL431C
TL431ACZ
TL431ACZT
TL431ACZ-AP
TL431AC
TL431ID
TL431IDT
-40°C to + 105°C
SO-8
Tube or
tape and reel
431I
TL431AID
TL431AIDT
431AI
TL431IZ
TL431IZT
TL431IZ-AP
TO-92
Bulk or
Tape or
Ammopack
TL431I
TL431AIZ
TL431AIZT
TL431AIZ-AP
TL431AI
TL431IYD(1)
TL431IYDT(1)
SO-8 (automotive grade level)
Tube or
tape and reel
431IY
TL431AIYD(1)
TL431AIYDT(1)
431AIY
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com