Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6905SFCDS6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM6905SFCDS6F
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905SFCDS6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM6905SFCDS6F Datasheet HTML 11Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 12Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 13Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 14Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 15Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 16Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 17Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 18Page - STMicroelectronics STM6905SFCDS6F Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Part numbering
STM6905
16/19
8
Part numbering
Table 6.
Ordering information scheme
Example:
STM6905
TZ
E
DS
6
F
Device type
STM6905
Reset threshold voltages(1)
1.
Other reset threshold voltages and tREC time-out periods are offered. Minimum order quantities may
apply. Contact local sales office for availability.
Suffix
VRST1
VRST2
TZ
3.078
2.333
TW
3.078
1.683
TG
3.078
1.110
SY
2.955
1.050
SF
2.955
1.050
PW
2.866
1.683
tREC
B = 30 ms(1)
C = 120 ms(1)
E = 210 ms
F = 420 ms(1)
Package
DS = MSOP8 (TSSOP8)
Temperature range
6: -40°C to 85°C
Shipping method
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com