Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM102
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM102_04 Datasheet HTML 1Page - STMicroelectronics TSM102_04 Datasheet HTML 2Page - STMicroelectronics TSM102_04 Datasheet HTML 3Page - STMicroelectronics TSM102_04 Datasheet HTML 4Page - STMicroelectronics TSM102_04 Datasheet HTML 5Page - STMicroelectronics TSM102_04 Datasheet HTML 6Page - STMicroelectronics TSM102_04 Datasheet HTML 7Page - STMicroelectronics TSM102_04 Datasheet HTML 8Page - STMicroelectronics TSM102_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSM102/A
3/9
COMPARATORS
VCC
+ = 5V, V
CC = Ground, T
amb = 25°C (unless otherwise specified)
VOLTAGE REFERENCE
GBP
Gain Bandwidth Product
RL = 10kΩ, CL = 100pF, f = 100kHZ
1.4
2.1
MHz
∅m
Phase Margin
RL = 10kΩ, CL = 100pF
45
Degrees
THD
Toatal Harmonic Distortion
0.05
%
en
Equivalent Input Noise Voltage
f = 1kHz
29
Symbol
Parameter
Min.
Typ
Max.
Unit
Vio
Input Offset Voltage
Tmin ≤ Tamb ≤ Tmax
5
9
mV
Iio
Input Offset Current
Tmin ≤ Tamb ≤ Tmax
50
150
nA
Iib
Input Bias Current
Tmin ≤ Tamb ≤ Tmax
250
400
nA
IOH
High Level Output Current
Vid = 1V, Vcc = Vo = 30V
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
Avd
Large Signal Voltage Gain
R1 = 15k, Vcc = 15V, Vo = 1 to 11V
200
V/mV
Isink
Output Sink Current
Vid = -1V, Vo = 1.5V
616
mA
Vicm
Input Common Mode Voltage Range
Tmin ≤ Tamb ≤ Tmax
0
0
Vcc
+-1.5
Vcc
+-2
V
Vid
Differential Input Voltage
Vcc
+
V
tre
Response Time 1)
R1 = 5.1k to Vcc
+ ,V
ref = 1.4V
1.
The response time specified is for 100mV input step with 5mV overdrive.
For larger overdrive signals, 300ns can be obtained.
1.3
µs
trel
Large Signal Response Time
Vref = 1.4V, Vi = TTL, R1 = 5.1k to Vcc
+
300
ns
Symbol
Parameter
Value
Unit
VKA
Cathode to Anode Voltage
Vref to 36
V
Ik
Cathode Current
1 to 100
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com