Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM1051CLT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSM1051CLT
Description  Constant voltage and constant current controller for battery chargers and adaptors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1051CLT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSM1051CLT Datasheet HTML 7Page - STMicroelectronics TSM1051CLT Datasheet HTML 8Page - STMicroelectronics TSM1051CLT Datasheet HTML 9Page - STMicroelectronics TSM1051CLT Datasheet HTML 10Page - STMicroelectronics TSM1051CLT Datasheet HTML 11Page - STMicroelectronics TSM1051CLT Datasheet HTML 12Page - STMicroelectronics TSM1051CLT Datasheet HTML 13Page - STMicroelectronics TSM1051CLT Datasheet HTML 14Page - STMicroelectronics TSM1051CLT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
TSM1051
12/15
Note:
Dimensions per JEDEC MO178AB
Figure 12. Package dimensions
Table 7.
SOT23-6 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
0.9
1.45
0.035
0.057
A1
0
0.1
0
0.0039
A2
0.9
1.3
0.035
0.0512
b
0.35
0.5
0.014
0.02
c
0.09
0.2
0.004
0.008
D
2.8
3.05
0.11
0.120
E
1.5
1.75
0.059
0.0689
e
0.95
0.037
H
2.6
3
0.102
0.118
L
0.1
0.6
0.004
0.024
θ
0
10°
0
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com