Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBLC6-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBLC6-2
Description  Very low capacitance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2 Datasheet(HTML) 1 Page - STMicroelectronics

  USBLC6-2 Datasheet HTML 1Page - STMicroelectronics USBLC6-2 Datasheet HTML 2Page - STMicroelectronics USBLC6-2 Datasheet HTML 3Page - STMicroelectronics USBLC6-2 Datasheet HTML 4Page - STMicroelectronics USBLC6-2 Datasheet HTML 5Page - STMicroelectronics USBLC6-2 Datasheet HTML 6Page - STMicroelectronics USBLC6-2 Datasheet HTML 7Page - STMicroelectronics USBLC6-2 Datasheet HTML 8Page - STMicroelectronics USBLC6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2008
Rev 3
1/14
14
USBLC6-2
Very low capacitance ESD protection
Features
■ 2 data lines protection
■ Protects VBUS
■ Very low capacitance: 3.5 pF max.
■ Very low leakage current: 150 nA max.
■ SOT-666 and SOT23-6L packages
■ RoHS compliant
Benefits
■ Very low capacitance between lines to GND for
optimized data integrity and speed
■ Low PCB space consumption: 2.9 mm2 max for
SOT-666 and 9mm² max for SOT23-6L
■ Enhanced ESD protection. IEC 61000-4-2 level
4 compliance guaranteed at device level,
hence greater immunity at system level
■ ESD protection of VBUS
■ High reliability offered by monolithic integration
■ Low leakage current for longer operation of
battery powered devices
■ Fast response time
■ Consistent D+ / D- signal balance:
– Very low capacitance matching tolerance
I/O to GND = 0.015 pF
– Compliant with USB 2.0 requirements
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
■ USB 2.0 ports up to 480 Mb/s (high speed)
■ Compatible with USB 1.1 low and full speed
■ Ethernet port: 10/100 Mb/s
■ SIM card protection
■ Video line protection
■ Portable electronics
Description
The USBLC6-2SC6 and USBLC6-2P6 are
monolithic application specific devices dedicated
to ESD protection of high speed interfaces, such
as USB 2.0, Ethernet links and video lines.
The very low line capacitance secures a high level
of signal integrity without compromising in
protecting sensitive chips against the most
stringent characterized ESD strikes.
Figure 1.
Functional diagram
SOT23-6L
USBLC6-2SC6
SOT-666
USBLC6-2P6
1
1
6
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
www.st.com


Similar Part No. - USBLC6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
USBLC6-2P6 STMICROELECTRONICS-USBLC6-2P6 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
logo
TECH PUBLIC Electronics...
USBLC6-2P6 TECHPUBLIC-USBLC6-2P6 Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
logo
STMicroelectronics
USBLC6-2SC6 STMICROELECTRONICS-USBLC6-2SC6 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
logo
TECH PUBLIC Electronics...
USBLC6-2SC6 TECHPUBLIC-USBLC6-2SC6 Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
More results

Similar Description - USBLC6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
USBLC6-2SC6Y STMICROELECTRONICS-USBLC6-2SC6Y Datasheet
224Kb / 14P
Very low capacitance ESD protection
24-Oct-2011
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
PE1605M2AQ PANJIT-PE1605M2AQ Datasheet
447Kb / 5P
Very Low Capacitance Esd Protection
May 4,2021 PE1605M2AQ-REV.02
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
PEC2305M1Q PANJIT-PEC2305M1Q Datasheet
312Kb / 5P
VERY LOW CAPACITANCE ESD Protection
April 11,2019-REV.00
PEC2605C1ES PANJIT-PEC2605C1ES Datasheet
162Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
May 29,2018-REV.00
PEC2605C2E PANJIT-PEC2605C2E Datasheet
224Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2605C2E-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com