Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT5363 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VT5363_07 Datasheet HTML 13Page - STMicroelectronics VT5363_07 Datasheet HTML 14Page - STMicroelectronics VT5363_07 Datasheet HTML 15Page - STMicroelectronics VT5363_07 Datasheet HTML 16Page - STMicroelectronics VT5363_07 Datasheet HTML 17Page - STMicroelectronics VT5363_07 Datasheet HTML 18Page - STMicroelectronics VT5363_07 Datasheet HTML 19Page - STMicroelectronics VT5363_07 Datasheet HTML 20Page - STMicroelectronics VT5363_07 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
VT5363
LED selection
17/23
5
LED selection
5.1
Overview
There are a number of LEDs from a range of suppliers which will work well with the VT5363.
It is the responsibility of the customer to ensure that the chosen LED works in their specific
implementation. There are various price/performance trade-offs which may be made if the
customer chooses to do so.
5.2
Key LED parameters
The VT5363 system requires a bright visible RED LED in a standard 5mm (T1 3/4) package.
The ideal viewing angle is 20o and the intensity should be at least 900mcd at a forward
current of 20 mA. The key LED parameters are listed in Table 5.
5.3
VCSEL and IR illumination
The VT5363 sensor will operate over a wide range of illuminant wavelengths. For devices
operating at approximately 850 nm (IR LED or VCSEL), the on-die automatic exposure
controller (AEC) will compensate for the change in sensitivity compared to 640nm (red
LED). Navigation performance may be improved by increasing the illuminated device drive.
approx.
Table 5.
Key LED parameters
Parameter
Recommended Value
Notes
Diameter
5mm
Important for fit with lens
Length
8.6mm
Important for fit with lens
Material
AlInGaP
For long-term reliability
Luminous Intensity (@20mA)
900mcd
Minimum value
Viewing Angle
20o
Half intensity
Mechanical accuracy
+/- 2o
Accuracy of the die positioning
within the LED body
Color
Red
Wavelength
640nm +/- 50nm
Relative illumination at sensor
plane for a circle of 1.1 mm
diameter
80%
Illumination value required for
Red/IR LED and VCSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com