Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC132
Description  QUAD 2-INPUT SCHMITT NAND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC132 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC132 Datasheet HTML 1Page - STMicroelectronics 74VHC132 Datasheet HTML 2Page - STMicroelectronics 74VHC132 Datasheet HTML 3Page - STMicroelectronics 74VHC132 Datasheet HTML 4Page - STMicroelectronics 74VHC132 Datasheet HTML 5Page - STMicroelectronics 74VHC132 Datasheet HTML 6Page - STMicroelectronics 74VHC132 Datasheet HTML 7Page - STMicroelectronics 74VHC132 Datasheet HTML 8Page - STMicroelectronics 74VHC132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2004
s
HIGH SPEED: tPD = 3.9 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
TYPICAL HYSTERESIS:
Vh = 1V at VCC = 4.5V
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 132
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC132 is an advanced high-speed
CMOS QUAD 2-INPUT SCHMITT NAND GATE
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
Pin configuration and function are the same as
those of the 74VHC00 but the 74VHC132 has
hysteresis.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC132
QUAD 2-INPUT SCHMITT NAND GATE
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC132MTR
TSSOP
74VHC132TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1999
logo
Fairchild Semiconductor
74VHC132 FAIRCHILD-74VHC132 Datasheet
77Kb / 6P
Quad 2-Input NAND Schmitt Trigger
74VHC132 FAIRCHILD-74VHC132 Datasheet
101Kb / 8P
Quad 2-Input NAND Schmitt Trigger
74VHC132 FAIRCHILD-74VHC132 Datasheet
226Kb / 9P
Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74VHC132 ONSEMI-74VHC132 Datasheet
342Kb / 10P
Quad 2-Input NAND Schmitt Trigger
December 2007 Rev. 1.5.0
More results

Similar Description - 74VHC132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com