Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC157 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC157
Description  QUAD 2 CHANNEL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC157 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC157_04 Datasheet HTML 1Page - STMicroelectronics 74VHC157_04 Datasheet HTML 2Page - STMicroelectronics 74VHC157_04 Datasheet HTML 3Page - STMicroelectronics 74VHC157_04 Datasheet HTML 4Page - STMicroelectronics 74VHC157_04 Datasheet HTML 5Page - STMicroelectronics 74VHC157_04 Datasheet HTML 6Page - STMicroelectronics 74VHC157_04 Datasheet HTML 7Page - STMicroelectronics 74VHC157_04 Datasheet HTML 8Page - STMicroelectronics 74VHC157_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74VHC157
2/12
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don’t care
Figure 3: Logic Diagram
PIN N°
SYMBOL
NAME AND FUNCTION
1
SELECT
Common Data Select
Inputs
2, 5, 11, 14
1A to 4A
Data Inputs From Source
A
3, 6, 10, 13
1B to 4B
Data Inputs From Source
B
4, 7, 9, 12
1Y to 4Y
Multiplexer Outputs
15
STROBE
Strobe Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUT
STROBE
SELECT
A
B
Y
H
XXX
L
LLL
X
L
LL
H
X
H
LH
X
L
L
LH
X
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com