Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTW67 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTW67
Description  50A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW67 Datasheet(HTML) 1 Page - STMicroelectronics

  BTW67_06 Datasheet HTML 1Page - STMicroelectronics BTW67_06 Datasheet HTML 2Page - STMicroelectronics BTW67_06 Datasheet HTML 3Page - STMicroelectronics BTW67_06 Datasheet HTML 4Page - STMicroelectronics BTW67_06 Datasheet HTML 5Page - STMicroelectronics BTW67_06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Features
DESCRIPTION
Available in high power packages, the BTW67 /
BTW69 Series is suitable in applications where
power handling and power dissipation are critical,
such as solid state relays, welding equipment,
high power motor control.
Based on a clip assembly technology, they offer a
superior performance in surge current handling
capabilities.
Thanks to their internal ceramic pad, they provide
high voltage insulation (2500VRMS), complying
with UL standards (file ref: E81734).
Symbol
Value
Unit
IT(RMS)
50
A
VDRM/VRRM
600 to 1200
V
IGT
80
mA
BTW67 and BTW69 Series
50A SCRS
REV. 5
February 2006
STANDARD
Table 2: Order Codes
Part Numbers
Marking
BTW67-xxx
BTW67xxx
BTW69-xxxRG
BTW69xxx
A
K
G
K
A
G
A
K
G
RD91
(BTW67)
TOP3 Ins.
(BTW69)
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180° conduction angle)
RD91
Tc = 70°C
50
A
TOP3 Ins.
Tc = 75°C
IT(AV)
Average on-state current
(180° conduction angle)
RD91
Tc = 70°C
32
A
TOP3 Ins.
Tc = 75°C
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25°C
610
A
tp = 10 ms
580
I²tI²t Value for fusing
Tj = 25°C
1680
A2S
dI/dt
Critical rate of rise of on-state current IG = 2
x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
8A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V


Similar Part No. - BTW67_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW67-1000 STMICROELECTRONICS-BTW67-1000 Datasheet
88Kb / 6P
50A SCRS
13-Feb-2006
BTW67-1200 STMICROELECTRONICS-BTW67-1200 Datasheet
238Kb / 5P
50A SCRs
Apr-2001
logo
New Jersey Semi-Conduct...
BTW67-1200 NJSEMI-BTW67-1200 Datasheet
293Kb / 4P
STANDARD 50A SCRs
logo
STMicroelectronics
BTW67-200 STMICROELECTRONICS-BTW67-200 Datasheet
88Kb / 6P
50A SCRS
13-Feb-2006
BTW67-600 STMICROELECTRONICS-BTW67-600 Datasheet
238Kb / 5P
50A SCRs
Apr-2001
More results

Similar Description - BTW67_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTW67 STMICROELECTRONICS-BTW67 Datasheet
238Kb / 5P
50A SCRs
Apr-2001
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Tiger Electronic Co.,Lt...
BTW69-800 TGS-BTW69-800 Datasheet
194Kb / 1P
50A SCRs
BTW69-1200 TGS-BTW69-1200 Datasheet
194Kb / 1P
50A SCRs
logo
STMicroelectronics
BTW67-200 STMICROELECTRONICS-BTW67-200 Datasheet
88Kb / 6P
50A SCRS
13-Feb-2006
BTW67-1000 STMICROELECTRONICS-BTW67-1000 Datasheet
88Kb / 6P
50A SCRS
13-Feb-2006
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
BTW67 NJSEMI-BTW67 Datasheet
293Kb / 4P
STANDARD 50A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com