Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTW67-600RG Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTW67-600RG
Description  50A SCRS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW67-600RG Datasheet(HTML) 2 Page - STMicroelectronics

  BTW67-600RG Datasheet HTML 1Page - STMicroelectronics BTW67-600RG Datasheet HTML 2Page - STMicroelectronics BTW67-600RG Datasheet HTML 3Page - STMicroelectronics BTW67-600RG Datasheet HTML 4Page - STMicroelectronics BTW67-600RG Datasheet HTML 5Page - STMicroelectronics BTW67-600RG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTW67 and BTW69 Series
2/6
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Table 5: Thermal resistance
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V
RL = 33 Ω
MIN.
8
mA
MAX.
80
VGT
MAX.
1.3
V
VGD
VD = VDRM
RL = 3.3 kΩ
Tj = 125°C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
150
mA
IL
IG = 1.2 x IGT
MAX.
200
mA
dV/dt
VD = 67 % VDRM Gate open
Tj = 125°C
MIN.
1000
V/µs
VTM
ITM = 100 A tp = 380 µs
Tj = 25°C
MAX.
1.9
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
1.0
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
8.5
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
5mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (D.C.)
RD91 (Insulated)
1.0
°C/W
TOP3 Insulated
0.9
Rth(j-a)
Junction to ambient (D.C.)
TOP3 Insulated
50
°C/W
Figure 1: Maximum average power dissipation
versus average on-state current
Figure 2: Average and D.C. on-state current
versus case temperature
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
45
50
55
P(W)
I
(A)
T(AV)
α = 180°
360°
α
0
25
50
75
100
125
0
10
20
30
40
50
60
I
(A)
T(AV)
T
(°C)
case
α = 180°
D.C.
BTW69
BTW69
BTW67
BTW67



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com