Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-2BF3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA14V2-2BF3
Description  Quad bidirectional Transi array for ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-2BF3 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA14V2-2BF3 Datasheet HTML 1Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 2Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 3Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 4Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 5Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 6Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 7Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 8Page - STMicroelectronics ESDA14V2-2BF3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Application information
ESDA14V2-2BF3
6/9
2
Application information
Figure 12.
Aplac model
3
Ordering information scheme
Figure 13.
Ordering information scheme
MODEL = D01
MODEL = D01
Ls
Rs
Ls
Rs
A2
A1
bu l k1
Lg nd
Rgnd
Lgnd
Rgnd
B2
MODEL = D02
B1
aplacvar Ls 150 p
aplacvar Rs 60 m
aplacvar Lgnd 290 p
aplacvar Rgnd 250 m
Model D01
BV=1
IBV=1
CJO=12.5
M=0.33
RS=0.3
VJ=0.6
TT=100
Model D02
BV=1
IBV=1
CJO=250
M=0.33
RS=80m
VJ=0.6
TT=100
ESDA
14V2 - 2
B
F3
ESD Array
Number of line
Package
Breakdown Voltage
Type
14V2 = 14.2 Volts min.
B = Bidirectional
x = 3: Lead-free, pitch = 400 µm, bump height = 255 µm
2 = 2 lines
F = Flip Chip



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com