Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA18-1F Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA18-1F
Description  Transil, transient voltage suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18-1F Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA18-1F Datasheet HTML 1Page - STMicroelectronics ESDA18-1F Datasheet HTML 2Page - STMicroelectronics ESDA18-1F Datasheet HTML 3Page - STMicroelectronics ESDA18-1F Datasheet HTML 4Page - STMicroelectronics ESDA18-1F Datasheet HTML 5Page - STMicroelectronics ESDA18-1F Datasheet HTML 6Page - STMicroelectronics ESDA18-1F Datasheet HTML 7Page - STMicroelectronics ESDA18-1F Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application information
ESDA18-1F2
4/8
2
Application information
One major point is that the ESDA18-1F2 has to ensure the safety during reverse battery
operation. Indeed, during this operation the device must clamp the DC reverse voltage
below 1.3 V @ 0.85 A (max current). Thus reverse battery operation has been simulated by
inverting the polatrity of the Transil (please see figures 8 and 9)
Figure 8.
Reverse battery operation setup
Figure 9.
Reverse battery operation results
A short calculation based on Reverse battery operation results figures clearly show that in
such real phone application the ESDA18-1F2 clamp the DC voltage below 1.3 V.
Typically the ESDA18-1F2 can clamp the DC voltage @ 0.9 V @ 0.76 A DC current:
PTC
1 nF
4.7 k
Ω
Equivalent
mobile phone
impedance
ESDA18-1F2
V
Vmains
I
V
DC
2V
max
×
Π
-----------------------
21.4
×
3.14
-----------------
0.9V
≈≈
=
I
DC
2I
max
×
Π
---------------------
21.2
×
3.14
-----------------
0.76A
≈≈
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com