Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB12-600C Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTB12-600C
Description  12 A Snubberless, logic level and standard triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB12-600C Datasheet(HTML) 2 Page - STMicroelectronics

  BTB12-600C Datasheet HTML 1Page - STMicroelectronics BTB12-600C Datasheet HTML 2Page - STMicroelectronics BTB12-600C Datasheet HTML 3Page - STMicroelectronics BTB12-600C Datasheet HTML 4Page - STMicroelectronics BTB12-600C Datasheet HTML 5Page - STMicroelectronics BTB12-600C Datasheet HTML 6Page - STMicroelectronics BTB12-600C Datasheet HTML 7Page - STMicroelectronics BTB12-600C Datasheet HTML 8Page - STMicroelectronics BTB12-600C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
BTA12, BTB12, T12xx
2/12
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(full sine wave)
I2PAK / D2PAK /
TO-220AB
Tc = 105° C
12
A
TO-220AB Ins.
Tc = 90° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
120
A
F = 60 Hz
t = 16.7 ms
126
I2tI2t Value for fusing
tp = 10 ms
78
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25° C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
4
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Electrical characteristics (Tj = 25°C, unless otherwise specified)
Snubberless and logic level (3 quadrants)
Symbol
Test conditions
Quadrant
T12xx
BTA12 / BTB12
Unit
T1210
T1235
T1250
TW
SW
CW
BW
IGT
(1)
1.
Minimum IGT is guaranted at 5% of IGT max
VD = 12 V
RL = 30 Ω
I - II - III
MAX.
10
35
50
5
10
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM
RL = 3.3 kΩ
Tj = 125° C
I - II - III
MIN.
0.2
V
IH
(2)
2.
for both polarities of A2 referenced to A1
IT = 100 mA
MAX.
15
35
50
10
15
35
50
mA
IL
IG = 1.2 IGT
I - III
MAX.
25
50
70
10
25
50
70
mA
II
30
60
80
15
30
60
80
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125° C
MIN.
40
500
1000
20
40
500
1000
V/µs
(dI/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125° C
MIN.
6.5
3.5
6.5
A/ms
(dV/dt)c = 10 V/µs
Tj = 125° C
2.9
1
2.9
Without snubber
Tj= 125° C
6.5
12
6.5
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com