Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSL01-024SC5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSL01-024SC5
Description  Secondary protection for DSL lines
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL01-024SC5 Datasheet(HTML) 1 Page - STMicroelectronics

  DSL01-024SC5 Datasheet HTML 1Page - STMicroelectronics DSL01-024SC5 Datasheet HTML 2Page - STMicroelectronics DSL01-024SC5 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
April 2008
Rev 2
1/3
3
DSL01-xxxSC5
Secondary protection for DSL lines
Features
Low capacitance devices:
–Delta Ctyp = 3.5 pF
for 8 V, 10 V, 16 V, and 24 V
High surge capability: 30 A - 8/20 µs
Voltage: 8 V, 10 V, 16 V, and 24 V
RoHS package
Benefits
Transil mode will clamp ESD and low energy
surges without disturbing line drivers during
transmission while high energy surges will be
short circuited to avoid line driver damage.
The low capacitance makes it suitable for
ADSL2+ and VDSL signals
Complies with the following standards
IEC 61000-4-2, Level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
MIL STD 883G-Method 3015-7: Class 3
– 25 kV (human body model)
IEC 61000-4-5, Level 2:
– 24 A, 8/20 µs
Applications
Secondary protection to be located after the
transformer of ADSL and VDSL modem either
on central office or subscriber side.
Replaces crowbar protection located on
primary side.
Figure 1.
Application diagram
Description
This device combines a Transil™ used for low
energy surges and a Trisil™ for high energy
surges. This combination provides a surge /
capacitance trade-off compatible with high debit
rates such as ADSL2+ and VDSL. The
combination on the same die makes it compatible
with SOT23-5L package.
TM: Transil and Trisil are trademarks of
STMicroelectronics
1
2
3
4
5
SOT23-5L (SC-59)
Tip
Ring
DSL01
TCP1.25A
Line drivers
Line Drivers
www.st.com


Similar Part No. - DSL01-024SC5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSL02 STMICROELECTRONICS-DSL02 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02-005SC5 STMICROELECTRONICS-DSL02-005SC5 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02-008SC5 STMICROELECTRONICS-DSL02-008SC5 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL02-010SC5 STMICROELECTRONICS-DSL02-010SC5 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL03 STMICROELECTRONICS-DSL03 Datasheet
193Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
More results

Similar Description - DSL01-024SC5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETP01-162RL STMICROELECTRONICS-ETP01-162RL Datasheet
108Kb / 7P
Protection for Ethernet lines
04-Mar-2008
logo
NXP Semiconductors
PESD1USB3SZ NXP-PESD1USB3SZ Datasheet
1Mb / 19P
ESD protection for differential data lines
Rev. 3-26 April 2016
logo
STMicroelectronics
DDSL01 STMICROELECTRONICS-DDSL01 Datasheet
64Kb / 6P
Secondary protection for DSL lines
15-Apr-2010
DSL05 STMICROELECTRONICS-DSL05 Datasheet
590Kb / 10P
Secondary protection for VDSL2 and G.FAST lines
03-Oct-2016
logo
Nexperia B.V. All right...
PESDXUSB3S NEXPERIA-PESDXUSB3S Datasheet
1,002Kb / 16P
ESD protection for differential data lines
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1742 NEOTEC-NT1742 Datasheet
384Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.30
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
logo
Nexperia B.V. All right...
PESD48VV2BT NEXPERIA-PESD48VV2BT Datasheet
212Kb / 11P
ESD protection for 48V lines
2 May 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com