Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1M6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6V1M6
Description  4- and 5-line low capacitance Transil arrays for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M6 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6V1M6_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1M6_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ordering information scheme
ESDALC6V1M6, ESDALC6V1-5M6
4/11
2
Ordering information scheme
Figure 12.
Ordering information scheme
Figure 8.
S21 attenuation measurement
results of each channel
Figure 9.
Analog crosstalk measurements
between channels
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
f/Hz
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-120.00
-90.00
-60.00
-30.00
0.00
f/Hz
Figure 10.
ESD response to IEC 6100-4-2
(+15 kV air discharge) on each
channel
Figure 11.
ESD response to IEC 6100-4-2
(-15 kV air discharge) on each
channel
ESDA LC
6V1
xx
M6
ESD array
Low capacitance
Package
6V1 = 6.1 Volts min
blank = 4 line
-5 = 5 line protection
Breakdown voltage
Number of lines
M6 = Micro QFN 6 leads



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com