Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1-5P6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1-5P6
Description  ESD protection for high speed interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1-5P6 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1-5P6 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1-5P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDALC6V1-5P6
Characteristics
3/8
Figure 2.
Relative variation of peak pulse
power versus initial junction
temperature
Figure 3.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
P
[T initial] / P
[T initial=25°C)
PP
j
PP
j
T (°C)
j
10
100
1000
110
100
t (µs)
p
P
(W)
PP
T initial = 25°C
j
Figure 4.
Clamping voltage versus peak
pulse current (typical values)
Figure 5.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 6.
Breakdown voltage versus initial
junction temperature
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values)
0.1
1.0
10.0
56789
10
11
12
13
14
15
V
(V)
CL
I
(A)
PP
8/20 µs
T initial = 25°C
j
1
10
100
1000
25
50
75
100
125
150
V =3V
R
I [T ] / I [T =25°C]
Rj
Rj
T (°C)
j
6.0
7.0
8.0
25
50
75
100
125
VBR
T (°C)
j
1 mA
C(pF)
0
2
4
6
8
10
12
14
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
F=1MHz
V
OSC=30mVRMS
T
j=25°C
V (V)
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com