Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIB7N50LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIB7N50LPBF
Description  SMPS MOSFET, HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIB7N50LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFIB7N50LPBF Datasheet HTML 1Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 2Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 3Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 4Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 5Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 6Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 7Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 8Page - International Rectifier IRFIB7N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRFIB7N50LPbF
8/23/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
TO-220 Full-Pak
S
D
G
Features and Benefits
• SuperFast body diode eliminates the need for external
diodes in ZVS applications.
• Lower Gate charge results in simpler drive requirements.
• Enhanced dv/dt capabilities offer improved ruggedness.
• Higher Gate voltage threshold offers improved noise
immunity
.
Applications
• Zero Voltage Switching SMPS
• Telecom and Server Power Supplies
• Uninterruptible Power Supplies
• Motor Control applications
• Lead-Free
PD - 95750
VDSS RDS(on) typ. Trr typ. ID
500V
320m
Ω
85ns
6.8A
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V
6.8
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
4.3
A
IDM
Pulsed Drain Current
™
27
PD @TC = 25°C Power Dissipation
46
W
Linear Derating Factor
0.37
W/°C
VGS
Gate-to-Source Voltage
±30
V
dv/dt
Peak Diode Recovery dv/dt
e
24
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting torque, 6-32 or M3 screw
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
6.8
MOSFET symbol
(Body Diode)
A
showing the
ISM
Pulsed Source Current
–––
–––
27
integral reverse
(Body Diode)
Ù
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 6.8A, VGS = 0V f
trr
Reverse Recovery Time
–––
85
130
ns
TJ = 25°C, IF = 6.8A
–––
130
200
TJ = 125°C, di/dt = 100A/µs
f
Qrr
Reverse Recovery Charge
–––
280
420
nC TJ = 25°C, IS = 6.8A, VGS = 0V f
–––
570
860
TJ = 125°C, di/dt = 100A/µs
f
IRRM
Reverse Recovery Current
–––
5.9
8.9
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
10lb
xin (1.1Nxm)


Similar Part No. - IRFIB7N50LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIB7N50LPBF VISHAY-IRFIB7N50LPBF Datasheet
193Kb / 9P
Power MOSFET
24-Jun-08
More results

Similar Description - IRFIB7N50LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730ASPBF IRF-IRF730ASPBF Datasheet
296Kb / 10P
HEXFET Power MOSFET (SMPS MOSFET)
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRF7450 IRF-IRF7450_04 Datasheet
176Kb / 8P
SMPS MOSFET HEXFET Power MOSFET
IRFS33N15DPBF IRF-IRFS33N15DPBF Datasheet
284Kb / 12P
SMPS MOSFET HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com