Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM60A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP11NM60A
Description  N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh™ Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60A Datasheet(HTML) 3 Page - STMicroelectronics

  STP11NM60A Datasheet HTML 1Page - STMicroelectronics STP11NM60A Datasheet HTML 2Page - STMicroelectronics STP11NM60A Datasheet HTML 3Page - STMicroelectronics STP11NM60A Datasheet HTML 4Page - STMicroelectronics STP11NM60A Datasheet HTML 5Page - STMicroelectronics STP11NM60A Datasheet HTML 6Page - STMicroelectronics STP11NM60A Datasheet HTML 7Page - STMicroelectronics STP11NM60A Datasheet HTML 8Page - STMicroelectronics STP11NM60A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STP11NM60A/STP11NM60AFP/STB11NM60A-1
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
DYNAMIC
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%
VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS = 15 V, ID = 5.5 A
10
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
1211
248
21
pF
pF
pF
Coss eq. (3)
Equivalent Output
Capacitance
VGS = 0V, VDS = 0V to 480V
116
pF
RG
Gate Input Resistance
f=1 MHz Gate DC Bias = 0
Test Signal Level = 20mV
Open Drain
1.9
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 300 V, ID = 5.5 A
RG = 4.7Ω VGS = 10 V
(Resistive Load see, Figure 3)
14
15
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 480V, ID = 11 A,
VGS = 10V
35
9
14
49
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
VDD = 480V, ID = 11 A,
RG =4.7Ω, VGS = 10V
(Inductive Load see, Figure 5)
39
10
20
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
11
44
A
A
VSD (1)
Forward On Voltage
ISD = 11 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 11 A, di/dt = 100A/µs
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
560
5.7
20.5
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com