Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-MIC01F2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-MIC01F2
Description  2-line IPAD, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC01F2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-MIC01F2 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical characteristics
EMIF02-MIC01F2
2/7
1
Electrical characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD IEC 61000-4-2, input and output pins - air discharge
ESD IEC 61000-4-2, in put and output pins - contact discharge
15
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
Symbol
Test condition
Min
Typ
Max
Unit
VBR
IR = 1 mA per line
14
18
V
IRM
VRM = 3 V per line
0.5
µA
C1, C2, C3
C4, C5, C6
VLINE = 0 V, VOSC = 30 mV, F = 1 MHz
0.8
1.0
1.2
nF
R1, R2
Tolerance ± 5 %
50
Ω
R3, R4
Tolerance ± 5 %
1.00
k
Ω
R5, R6
Tolerance ± 5 %
2.20
k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com