Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-MIC03M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-MIC03M6
Description  2-line IPAD, EMI filter and ESD protection for microphone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC03M6 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-MIC03M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-MIC03M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2008
Rev 1
1/10
EMIF02-MIC03M6
2-line IPAD™, EMI filter and ESD protection for microphone
Features
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Very low PCB space consumption:
1.0 mm x 1.45 mm
■ Very thin package: 0.6 mm max
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging.
■ Lead-free and halogen-free package
Complies with following standards
■ IEC 61000-4-2 level 4, input and output pins
– 8 kV (contact discharge)
Application
■ Mobile phones
Description
The EMIF02-MIC03M6 is a 2-line highly
integrated device designed to suppress EMI/RFI
noise in all systems exposed to electromagnetic
interference.
This filter includes ESD protection circuitry, which
prevents damage to the application when
subjected to ESD surges up to 8 kV on all pins.
Figure 1.
Pin configuration (top view)
Figure 2.
Basic cell configuration
TM: IPAD is a trademark of STMicroelectronics
Micro QFN 6 leads
1.45 mm x 1.00 mm
(bottom view)
Pin 1
6
2
5
4
MICR in
MICR out
MICL in
MICL out
GND
GND
1
3
Input
Output
Low-pass filter
GND
GND
GND
R = 68
, Cline = 45 pF typ.
Ω
www.st.com


Similar Part No. - EMIF02-MIC03M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
2-line IPAD?? EMI filter and ESD protection for microphone
27-May-2011
More results

Similar Description - EMIF02-MIC03M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
2-line IPAD?? EMI filter and ESD protection
26-May-2011
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
2-line IPAD?? EMI filter and ESD protection for microphone
27-May-2011
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
2-line IPAD?? EMI filter and ESD protection
08-Sep-2011
EMIF02-SPK01M6 STMICROELECTRONICS-EMIF02-SPK01M6 Datasheet
165Kb / 11P
2-line IPAD?? EMI filter and ESD protection for speaker
21-Sep-2009
EMIF02-SPK02F2 STMICROELECTRONICS-EMIF02-SPK02F2_12 Datasheet
227Kb / 12P
2-line IPAD?? EMI filter and ESD protection
03-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com