Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF04-1502QCF Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF04-1502QCF
Description  4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-1502QCF Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF04-1502QCF_05 Datasheet HTML 1Page - STMicroelectronics EMIF04-1502QCF_05 Datasheet HTML 2Page - STMicroelectronics EMIF04-1502QCF_05 Datasheet HTML 3Page - STMicroelectronics EMIF04-1502QCF_05 Datasheet HTML 4Page - STMicroelectronics EMIF04-1502QCF_05 Datasheet HTML 5Page - STMicroelectronics EMIF04-1502QCF_05 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMIF04-1502QCF
2/6
Table 2: Absolute Ratings (limiting values)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
Tj
Junction temperature
125
°C
Top
Operating temperature range
-40 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic resistance
IPP
Peak pulse current
RI/O
Series resistance between Input & Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
68
10
V
IRM
VRM = 3V per line
200
nA
RI/O
Tolerance ± 10%
160
Ω
Cline
VR= 3V
13
15
pF
Figure 3: S21(dB) attenuation measurement
Figure 4: Analog cross talk measurements
100.0k
1.0M
10.0M
100.0M
1.0G
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
f/Hz
-
-
-
-
-
-
-
-
-
-
100.0k
1.0M
10.0M
100.0M
1.0G
- 100.00
- 90.00
- 80.00
- 70.00
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
f/Hz
-
-
-
-
-
-
-
-
-
-
VBR
IPP
VRM
VF
IF
I
IRM
IR
V
VCL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com