Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4018BEY Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4018BEY
Description  PRESETTABLE DIVIDE-BY-N COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4018BEY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4018BEY Datasheet HTML 2Page - STMicroelectronics HCF4018BEY Datasheet HTML 3Page - STMicroelectronics HCF4018BEY Datasheet HTML 4Page - STMicroelectronics HCF4018BEY Datasheet HTML 5Page - STMicroelectronics HCF4018BEY Datasheet HTML 6Page - STMicroelectronics HCF4018BEY Datasheet HTML 7Page - STMicroelectronics HCF4018BEY Datasheet HTML 8Page - STMicroelectronics HCF4018BEY Datasheet HTML 9Page - STMicroelectronics HCF4018BEY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HCF4018B
6/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) At PRESET ENABLE or JAM inputs
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
5
200
400
ns
10
90
180
15
65
130
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
fCL
Maximum Clock Input
Frequency
53
6
MHz
10
7
14
15
8.5
17
tW
Minimum Clock Pulse
Width
5
160
80
ns
10
70
35
15
50
25
tr , tf
Clock Input Rise or Fall
Time
5
unlimited
µs
10
15
tsetup
Data Setup Time Minimum
Clock Inhibit
540
20
ns
10
12
6
15
6
3
tH
Data Input Hold-Time
5
140
70
ns
10
80
40
15
60
30
PRESET(1) or RESET OPERATION
tPLH, tPHL Propagation Delay Time
(reset or reset to Q)
5
275
550
ns
10
125
250
15
90
180
tW
Preset or Reset Pulse
Width
5
160
80
ns
10
70
35
15
50
25
tREM
Preset or Reset Removal
Time
580
40
ns
10
30
15
15
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com