Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-VID01C2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-VID01C2
Description  6 line low capacitance EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-VID01C2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 6Page - STMicroelectronics EMIF06-VID01C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
June 2006
Rev 2
1/7
7
EMIF06-VID01C2
IPAD™
6 line low capacitance EMI filter and ESD protection
Main application
Where EMI filtering in ESD sensitive equipment is
required:
■ LCD and camera for mobile phones
■ Computers and printers
■ Communication systems
■ MCU board
Description
The EMIF06-VID01C2 is a 6 line highly integrated
device designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interference. The Flip-Chip packaging means the
package size is equal to the die size.
This filter includes ESD protection circuitry, which
prevents damage to the application when it is
subjected to ESD surges up to 15 kV.
Benefits
■ High efficiency EMI filtering (-40db @ 900MHz)
■ Low line capacitance suitable for high speed
data bus
■ Low serial resistance for camera impedance
adaptation
■ Optimized PCB space consuming:
2.92mm x 1.29mm
■ Very thin package: 0.69 mm
■ High efficiency in ESD suppression on inputs
pins (IEC61000-4-2 level 4)
■ High reliability offered by monolithic integration
■ High reducing of parasitic elements through
integration and wafer level packaging
■ Lead free package
Complies with the following standards:
IEC 61000-4-2
MIL STD 883E - Method 3015-6 Class 3
Order code
Pin identities (bump side)
Circuit configuration
level 4 input pins
15 kV
(air discharge)
8 kV
(contact discharge
Part Number
Marking
EMIF06-VID01C2
GR
®
Lead free coated Flip-Chip
(15 Bumps)
I4
O4
I1
O1
I6
Gnd
Gnd
Gnd
O6
I3
O3
I5
O5
I2
O2
98
7
6
5
4
32
1
A
B
C
R = 100
C
= 16pF typ. @ 3V
Ω
LINE
Input
R
Output
www.st.com


Similar Part No. - EMIF06-VID01C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-VID01C2 STMICROELECTRONICS-EMIF06-VID01C2 Datasheet
124Kb / 6P
6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
More results

Similar Description - EMIF06-VID01C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-VID01C1 STMICROELECTRONICS-EMIF06-VID01C1 Datasheet
124Kb / 6P
6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2 Datasheet
124Kb / 6P
6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
15-Feb-2005
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2 Datasheet
492Kb / 6P
8 line low capacitance EMI filter and ESD protection
11-Aug-2005
logo
ON Semiconductor
NUF6406MN ONSEMI-NUF6406MN Datasheet
53Kb / 4P
Low Capacitance 6 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 2
logo
STMicroelectronics
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
6 line EMI filter and ESD protection
17-Nov-2006
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
19-Oct-2005
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
6-line IPAD, low capacitance EMI filter and ESD protection
28-Apr-2008
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2_06 Datasheet
230Kb / 6P
8 line low capacitance EMI filter and ESD protection
26-Oct-2006
EMIF08-VID01F2 STMICROELECTRONICS-EMIF08-VID01F2 Datasheet
494Kb / 6P
8 line low capacitance EMI filter and ESD protection
11-Aug-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com