Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4019BM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4019BM1
Description  QUAD AND/OR SELECT GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4019BM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4019BM1 Datasheet HTML 1Page - STMicroelectronics HCF4019BM1 Datasheet HTML 2Page - STMicroelectronics HCF4019BM1 Datasheet HTML 3Page - STMicroelectronics HCF4019BM1 Datasheet HTML 4Page - STMicroelectronics HCF4019BM1 Datasheet HTML 5Page - STMicroelectronics HCF4019BM1 Datasheet HTML 6Page - STMicroelectronics HCF4019BM1 Datasheet HTML 7Page - STMicroelectronics HCF4019BM1 Datasheet HTML 8Page - STMicroelectronics HCF4019BM1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2001
s
MEDIUM-SPEED OPERATION
tPD = 60ns (Typ.) at VDD = 10V
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4019B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4019B types are comprised of four AND/
OR select gate configurations, each consisting of
two 2 input AND gates driving a single 2-input OR
gate. Selection is accomplished by control bits Ka
and Kb. In addition to selection of either channel A
or channel B information, the control bits can be
applied simultaneously to accomplish the logical
A+B function.
HCF4019B
QUAD AND/OR SELECT GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4019BEY
SOP
HCF4019BM1
HCF4019M013TR
DIP
SOP


Similar Part No. - HCF4019BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4019BM1 STMICROELECTRONICS-HCF4019BM1 Datasheet
281Kb / 13P
QUAD AND/OR SELECT GATE
Jun-1989
More results

Similar Description - HCF4019BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
QUAD AND/OR SELECT GATE
Jun-1989
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
Quad AND/OR Select Gate
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
Quad AND-OR Select Gate
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
CMOS Quad AND/OR Select Gate
November 1994
logo
National Semiconductor ...
CD4019BM NSC-CD4019BM Datasheet
107Kb / 4P
Quad AND-OR Select Gate
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
QUAD AND OR SELECT GATE
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
Quad AND/OR Select Gate
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
CMOS Quad AND/OR Select Gate
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com