Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF10-COM01C2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF10-COM01C2
Description  EMI Filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01C2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF10-COM01C2 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
EMIF10-COM01C2
2/7
1
Characteristics
Table 1.
Absolute Ratings (T
amb = 25 °C)
Symbol
Parameter and test conditions
Value
Unit
VPP
ESD discharge IEC61000-4-2, air discharge
ESD discharge IEC61000-4-2, contact discharge
15
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 2.
Electrical Characteristics (T
amb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
Rd
Dynamic impedance
IPP
Peak pulse current
RI/O
Resistance between Input and Output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
8
10
V
IRM
VRM = 3 V per line
500
nA
Rd
IPP = 10 A, tp = 2.5 µs
1
Ω
RI/O
180
200
220
Ω
Cline
At 0 V bias
45
50
pF
tLH
Vinput = 2.8 V
Rload = 100 kΩ
25
ns
V
I
V
RM
PP
I
RM
I
V
BR
R
I
V
CL
slope : 1 / R d



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com