Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF10-LCD03F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF10-LCD03F3
Description  10-line IPAD, EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD03F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF10-LCD03F3 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD03F3 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD03F3 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD03F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2008
Rev 1
1/7
7
EMIF10-LCD03F3
10-line IPAD™, EMI filter and ESD protection
Features
■ High attenuation in the mobile frequency range
(typically better than -40 dB from 900 MHz to
2GHz)
■ Very low clamping voltage
■ Low line capacitance (30 pF max) suitable for
high-speed interfaces
■ Maximum rise and fall time: 6 ns (10% - 90%)
■ Compliant with high speed data rate
■ Lead-free Flip Chip package in 400 µm pitch
■ Very thin package: 0.6mm thickness
Benefits
■ High efficiency in EMI filtering
■ High bandwidth: typically 200 MHz at -3 dB
■ 80% space saving versus discrete solution
(BOM reduction)
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC61000-4-2 level 4 on inputs and outputs
– ±15 kV (air discharge)
– ± 8 kV (contact discharge)
Applications
Displays and cameras where outstanding EMI
filtering in ESD sensitive equipment is required:
■ Mobile phones and PDAs
■ Personal and home entertainment (portable
audio, DVD players, LCD TVs)
■ Portable navigation devices
■ Digital still cameras
■ Portable gaming systems
Description
The EMIF10-LCD03F3 is a 10-line highly
integrated LC filter designed to suppress EMI/RFI
noise in all systems subjected to electromagnetic
interference. The EMIF10 Flip Chip packaging
means the package size is equal to the die size.
This LC filter includes ESD protection circuitry,
which prevents damage to the protected device
when subjected to ESD surges up ±15 kV.
Figure 1.
Pin layout (bump side)
Figure 2.
Device configuration
TM: IPAD is a trademark of STMicroelectronics.
Flip
Chip
(24 bumps)
A
B
C
D
E
1
2
3
4
5
O10
I10
O2
O4
O6
O8
I1
I3
I5
I7
I9
GND
GND
GND
O1
O3
O5
O7
O9
I2
I4
I6
I8
GND
Input
GND
GND
GND
Output
Low-pass Filter
Ri/o = 125
±20%
Cline = 30 pF max
Ω
0 0 0 0
www.st.com


Similar Part No. - EMIF10-LCD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
More results

Similar Description - EMIF10-LCD03F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
Single line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF04-EAR01F2 STMICROELECTRONICS-EMIF04-EAR01F2 Datasheet
192Kb / 7P
4-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2_08 Datasheet
188Kb / 7P
10-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
Single line IPAD?? EMI filter and ESD protection
06-Oct-2010
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
2-line IPAD??EMI filter and ESD protection
23-Sep-2011
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com