Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-4BC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1-4BC6
Description  QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-4BC6 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1-4BC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-4BC6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
ESDA6V1-4BC6
QUAD BIDIRECTIONAL TRANSIL™
SUPPRESSOR FOR ESD PROTECTION
REV. 2
SOT23-6L
November 2004
MAIN APPLICATIONS
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Video equipment
This device is particularly adapted to the protec-
tion of symmetrical signals
FEATURES
■ 4 Bidirectional Transil functions
■ ESD Protection for data, Signal and VCC Bus
■ Stand off voltage range: 5 V
■ Low leakage current
■ Peak pulse power (8/20µs); 80W
■ Channel separation: 80dB typ.@20KHz
DESCRIPTION
The ESDA6V1-4BC6 is a monolithic array de-
signed to protect up to 4 lines in a bidirectional way
against ESD transients.
The device is ideal for situations where board
space is at a premium.
BENEFITS
■ High ESD protection level
■ High integration
■ Suitable for high density boards
COMPLIES WITH THE FOLLOWING STANDARDS:
■ IEC61000-4-2 level 4:
15kV (air discharge)
8kV
(contact discharge)
■ MIL STD 883E-Method 3015-7: class3B
(Human Body Model)
Table 1: Order Code
Part Number
Marking
ESDA6V1-4BC6
BS77
ASD™
Figure 1: Functional Diagram
1
2
3
6
5
4
TM: ASD is a trademark of STMicroelectronics.


Similar Part No. - ESDA6V1-4BC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6 Datasheet
50Kb / 5P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Nov-2002
More results

Similar Description - ESDA6V1-4BC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6 Datasheet
49Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Jan-2002
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6 Datasheet
50Kb / 5P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Nov-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
27-May-2004
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6_04 Datasheet
59Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com