Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1BC6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA6V1BC6
Description  QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1BC6 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA6V1BC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1BC6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESDA6V1BC6
3/6
®
1. ESD protection by ESDA6V1-4BC6
With the focus of lowering the operation levels, the problem of malfunction caused by the environment is
critical. Electrostatic discharge (ESD) is a major cause of failure in electronic system.
Transient Voltage Suppressors are an ideal choice for ESD protection and have proven capable in sup-
pressing ESD events. They are capable of clamping the incoming transient to a low enough level such
that damage to the protected semiconductor is prevented.
Surface mount TVS arrays offer the best choice for minimal lead inductance.
They serve as parallel protection elements, connected between the signal line to ground. As the transient
rises above the operating voltage of the device, the TVS array becomes a low impedance path diverting
the transient current to ground.
Figure 4: Clamping voltage versus peak pulse
current (typical values, rectangular waveform)
Figure 5: Junction capacitance versus line
voltage applied (typical values
Figure 6: Relative variation of leakage current
versus junction temperature (typical values)
I
(A)
PP
0
5
10
15
20
25
30
35
40
0.1
1.0
10.0
20.0
V
(V)
CL
t = 2.5µs
T
p
j initial = 25°C
C(pF)
0
1
2
3
45
67
8
10
11
12
13
14
15
16
17
18
19
20
21
22
V (V)
R
F = 1MHz
V
= 30mV
T
OSC
j = 25°C
I [T ] / I [T =25°C]
Rj
Rj
25
50
75
100
125
150
1
10
100
500
T (°C)
j



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com