Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-09-H042 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPEAR-09-H042
Description  SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H042 Datasheet(HTML) 4 Page - STMicroelectronics

  SPEAR-09-H042 Datasheet HTML 1Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 2Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 3Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 4Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 5Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 6Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 7Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 8Page - STMicroelectronics SPEAR-09-H042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Features modification
SPEAR-09-H042
4/16
2
Features modification
To fit the new small package a number of features has been reduced or limited:
Analog to digital converter (ADC)
eASIC GPIOs
External FPGA emulation mode
Dynamic RAM data path
UARTs
2.1
Analog to digital converter (ADC)
ADC feature has been completely deleted so the 16 analog channels, the related test
output, the power balls and the reference voltages have been removed.
2.2
eASIC GPIOs
SPEAR-09-H022 features 112 GPIOs in the eASIC customizable part, some of these I/Os
have been removed, but 87 are still available on SPEAR-09-H042.
Unusable hidden eASIC GPIOs (74, 76, 78, 80, 82, 84, 86, 88, 90, 92, 94, 96, 98, 100-111)
must be configured as inputs.
2.3
External FPGA emulation mode
SPEAR-09-H022 has the capability to emulate the internal eASIC behavior with an external
FPGA through the component GPIOs. This feature has been completely removed on
SPEAR-09-H042 hence the developement boards must use the 420 PBGA components.
2.4
Dynamic RAM data path
The SPEAr component features a multi purpose memory controller to interface SDRAM or
DDR memories able to work with different data path widths.
While SPEAR-09-H022 handles 8 and 16-bit DDRs or 8, 16 and 32-bit SDRAMs, on
SPEAR-09-H042 to save 16 data balls and the related "data mask" balls, the SDRAM data
path has been limited to 16-bit like the DDR one.
2.5
UARTs
Two of the original UART interfaces have been removed, SPEAR-09-H042 features just the
UART1 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com