Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4051B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4051B
Description  SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4051B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4051B Datasheet HTML 1Page - STMicroelectronics HCF4051B Datasheet HTML 2Page - STMicroelectronics HCF4051B Datasheet HTML 3Page - STMicroelectronics HCF4051B Datasheet HTML 4Page - STMicroelectronics HCF4051B Datasheet HTML 5Page - STMicroelectronics HCF4051B Datasheet HTML 6Page - STMicroelectronics HCF4051B Datasheet HTML 7Page - STMicroelectronics HCF4051B Datasheet HTML 8Page - STMicroelectronics HCF4051B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
October 2002
s
LOW "ON" RESISTANCE : 125
Ω (Typ.)
OVER 15V p.p SIGNAL-INPUT RANGE FOR
VDD -VEE = 15V
s
HIGH "OFF" RESISTANCE : CHANNEL
LEAKAGE
± 100pA (Typ.) at V
DD -VEE =18V
s
BINARY ADDRESS DECODING ON CHIP
s
HIGH DEGREE OF LINEARITY : < 0.5%
DISTORTION TYP. at fIS =1KHz, VIS =5 Vpp,
VDD -VSS > 10V, RL = 10KΩ
s
VERY LOW QUIESCENT POWER
DISSIPATION UNDER ALL DIGITAL
CONTROL INPUT AND SUPPLY
CONDITIONS : 0.2
µW(Typ.)
at VDD -VSS =VDD -VEE =10V
s
MATCHED SWITCH CHARACTERISTICS :
RON =5Ω (Typ.) FOR VDD -VEE = 15V
s
WIDE RANGE OF DIGITAL AND ANALOG
SIGNAL LEVELS : DIGITAL 3 to 20,
ANALOG TO 20V p.p.
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4051B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4051B analog multiplexer/demultiplexer
is a digitally controlled analog switch having low
ON impedance and very low OFF leakage current.
This multiplexer circuit dissipate extremely low
quiescent power over the full VDD -VSS and VDD -
VEE supply voltage range, independent of the
logic state of the control signals.
When a logic "1" is present at the inhibit input
terminal all channel are off. This device is a single
8-channel multiplexer having three binary control
inputs, A, B, and C, and an inhibit input. The three
binary signals select 1 of 8 channels to be turned
on, and connect one of the 8 inputs to the output.
HCF4051B
SINGLE 8-CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4051BEY
SOP
HCF4051BM1
HCF4051M013TR
DIP
SOP


Similar Part No. - HCF4051B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4051B STMICROELECTRONICS-HCF4051B Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051BC1 STMICROELECTRONICS-HCF4051BC1 Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051BEY STMICROELECTRONICS-HCF4051BEY Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051BF STMICROELECTRONICS-HCF4051BF Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051BM1 STMICROELECTRONICS-HCF4051BM1 Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
More results

Similar Description - HCF4051B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com