Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4517B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4517B
Description  DUAL 64 STAGE STATIC SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4517B Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4517B Datasheet HTML 1Page - STMicroelectronics HCF4517B Datasheet HTML 2Page - STMicroelectronics HCF4517B Datasheet HTML 3Page - STMicroelectronics HCF4517B Datasheet HTML 4Page - STMicroelectronics HCF4517B Datasheet HTML 5Page - STMicroelectronics HCF4517B Datasheet HTML 6Page - STMicroelectronics HCF4517B Datasheet HTML 7Page - STMicroelectronics HCF4517B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HCF4517B
5/8
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
NOTE : Measured at the point of 10% change in output load of 50pF, RL = 1KΩ to VDD for tPZL, tPLZ and RL = 1KΩ to VSS for tPHZ
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPHL tPLH Propagation Delay Time :
CL to Bit 16 Tap
5
200
400
ns
10
110
220
15
90
180
tPLZ tPHZ
tPZL tPZH
3-State Output WE to Bit
16 Tap (see note)
575
150
ns
10
40
80
15
30
60
tTHL tTLH Output Transition Time
5
100
200
ns
10
50
100
15
40
80
tsetup
Setup Time (WRITE
ENABLE to CLOCK)
5
-100
-50
ns
10
-50
-25
15
-30
-15
tsetup
Setup Time (DATA to
CLOCK)
5
-100
-50
ns
10
-60
-30
15
-30
-15
Release Time (WRITE
ENABLE to CLOCK)
550
100
ns
10
25
50
15
20
40
thold
Hold Time (DATA to
CLOCK)
5
100
200
ns
10
50
100
15
25
50
tW
Minimum Clock Pulse
Width
590
180
ns
10
40
80
15
25
50
fCL
Maximum Clock Input
Frequency
53
6
MHz
10
6
12
15
8
15
tr tf
Maximum Clock Input Rise
or Fall Time
5
Unlimited
µs
10
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com