Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4527BEY Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4527BEY
Description  BCD RATE MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4527BEY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4527BEY Datasheet HTML 4Page - STMicroelectronics HCF4527BEY Datasheet HTML 5Page - STMicroelectronics HCF4527BEY Datasheet HTML 6Page - STMicroelectronics HCF4527BEY Datasheet HTML 7Page - STMicroelectronics HCF4527BEY Datasheet HTML 8Page - STMicroelectronics HCF4527BEY Datasheet HTML 9Page - STMicroelectronics HCF4527BEY Datasheet HTML 10Page - STMicroelectronics HCF4527BEY Datasheet HTML 11Page - STMicroelectronics HCF4527BEY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HCF4527B
8/12
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
APPLICATION NOTE :
For fractional multipliers with more than one digit,
HCF4527B may be cascaded in two different
modes: The ADD mode and the MULTIPLY mode
(see figure 1 and 2).
When two units are cascaded in ADD mode and
programmed to 9 and 4 respectively, the more
significant unit will have 9 output pulses for every
10 input pulses and the other will have 4 output
pulses for every 100 input pulses for a total of :
9
4
94
 +  = 
10
100
100
In the multiply mode, the fraction programmed into
the first rate multiplier is multiplied by the fraction
programmed into the second one :
If N1 = 9 and N2 =4
4
fOUT2 =  fOUT1
10
9
fOUT1 =  fCLOCK
10
4
9
36
fOUT2 =  x (  fCLOCK ) =  fCLOCK
10
10
100
Therefore 36 output pulses for every 100 clock
input pulses
Two HCF4527B Cascaded in the ADD mode with a Preset Number
tR
Inhibit Input Removal Time
5
240
120
ns
10
130
65
15
110
55
tR
Set Removal Time
5
150
75
ns
10
80
40
15
50
25
tR
Clear Removal Time
5
60
30
ns
10
40
20
15
30
15
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com