Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC595 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC595
Description  RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC595 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC595 Datasheet HTML 1Page - STMicroelectronics M54HC595 Datasheet HTML 2Page - STMicroelectronics M54HC595 Datasheet HTML 3Page - STMicroelectronics M54HC595 Datasheet HTML 4Page - STMicroelectronics M54HC595 Datasheet HTML 5Page - STMicroelectronics M54HC595 Datasheet HTML 6Page - STMicroelectronics M54HC595 Datasheet HTML 7Page - STMicroelectronics M54HC595 Datasheet HTML 8Page - STMicroelectronics M54HC595 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M54HC595
2/15
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X: Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 15
QA to QH
Data Outputs
9
QH’
Serial Data Outputs
10
SCLR
Shift Register Clear Input
11
SCK
Shift Register Clock Input
13
G
Output Enable Input
14
SI
Serial Data Input
12
RCK
Storage Register Clock
Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
SI
SCK
SCLR
RCK
G
X
X
X
X
H
QA THRU QH OUTPUTS DISABLE
XX
XX
L
QA THRU QH OUTPUTS ENABLE
X
X
L
X
X
SHIFT REGISTER IS CLEARED
LH
X
X
FIRST STAGE OF S.R. BECOMES "L" OTHER
STAGES STORE THE DATA OF PREVIOUS
STAGE, RESPECTIVELY
HH
X
X
FIRST STAGE OF S.R. BECOMES "H" OTHER
STAGES STORE THE DATA OF PREVIOUS
STAGE, RESPECTIVELY
X
H
X
X
STATE OF S.R. IS NOT CHANGED
XX
X
X
S.R. DATA IS STORED INTO STORAGE
REGISTER
X
X
X
X
STORAGE REGISTER STATE IS NOT CHANGED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com